PART |
Description |
Maker |
C8051F018 C8051F019 |
25 MIPS,16k Flash,1.25k Ram,10bit ADC,64 Pin MCU(25 MIPS,16k 闪速存储器,1.25k Ram,10ADC,64 MCU) 25 MIPS,16k Flash,1.25k Ram,10bit ADC,48 Pin MCU(25 MIPS,16k 闪速存储器,1.25k Ram,10ADC,48 MCU)
|
Cygnal Technologies
|
C8051F020 C8051F022 C8051F021 |
25 MIPS,64k Flash,4.25k Ram,12bit ADC,100 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,12ADC,100 MCU) 25 MIPS,64k Flash,4.25k Ram,10bit ADC,100 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,10ADC,100 MCU) 25 MIPS,64k Flash,4.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,64k 闪速存储器,4.25k Ram,12ADC,64 MCU) 25 MIPS的,64K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,64K的闪速存储器.25k羊,12位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
C8051F000 C8051F005 C8051F007 C8051F012 C8051F001 |
20 MIPS,32k Flash,256 Ram,12bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,32 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,32 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,32 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,64 MCU) 20 MIPS,32k Flash,256 Ram,10bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,48 MCU) 25 MIPS,32k Flash,2.25k Ram,10bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,10ADC,48 MCU) 20 MIPS,32k Flash,256 Ram,12bit ADC,48 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,12ADC,48 MCU) 20 MIPS的,32K闪存56羊,12位ADC8引脚微控制器0 MIPS的,32K的闪速存储器56,羊2位ADC8脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,32 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,32 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC2引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC2脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,64 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,64 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC4引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC4脚微控制器) 25 MIPS,32k Flash,2.25k Ram,12bit ADC,48 Pin MCU(25 MIPS,32k 闪速存储器,2.25k Ram,12ADC,48 MCU) 25 MIPS的,32K闪存.25k羊,12位ADC8引脚微控制器5 MIPS的,32K的闪速存储器.25k羊,12位ADC8脚微控制器) 20 MIPS,32k Flash,256 Ram,10bit ADC,64 Pin MCU(20 MIPS,32k 闪速存储器,256 Ram,10ADC,64 MCU) 20 MIPS的,32K闪存56羊,10位ADC4引脚微控制器0 MIPS的,32K的闪速存储器56,羊0位ADC4脚微控制器)
|
Cygnal Technologies Connex See Service, Inc.
|
C8051F120 |
128K Flash, 8.25K RAM, 12-bit ADC, 100-Pin MCU
|
Cygnal
|
IDT6168LA15PI IDT6168LA IDT6168SA 6168LA_DS_9916 I |
5.0V, 4k X 4, CMOS, Asynchronous, Static RAM From old datasheet system CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 35 ns, PDSO20 CMOS STATIC RAM 16K (4K x 4-BIT) 4K X 4 STANDARD SRAM, 25 ns, CQCC20
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
IDT7188L IDT7188S 7188L_DS_68822 IDT7188S45DB IDT7 |
CMOS STATIC RAM 64K 16K x 4-BIT From old datasheet system 16K x 4 Static RAM
|
Integrated Device Techn... IDT[Integrated Device Technology]
|
IDT70V261L IDT70V261L25PF IDT70V261L25PFI IDT70V26 |
DUAL PORT RAM 16K X 16-BIT 25 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高.3 16K的16 DUAL-PORT静态RAM HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM 高3.3 16K的16 DUAL-PORT静态RAM 16K x 16 3.3V Dual-Port RAM w/Int
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
ATTINY167-15MD ATTINY167-15XD ATTINY167-ESMD ATTIN |
8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDSO20 4.40 X 6.50 MM, 0.65 MM PITCH, GREEN, TSSOP-20 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
Atmel, Corp. ATMEL Corporation
|
P89C54BP P89C54BA P89C54BBD P89C54BN P89C51BA P89C |
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
ST72F340K2T6 ST72F344K2T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMicroelectronics
|
|